Part Number Hot Search : 
P5050C 105K100 IDT54 1N4757A D1010UK C1215 CTS9513A 192D25
Product Description
Full Text Search
 

To Download TM9200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL TM9200
Features
! ! ! ! Medium Gain: 12 dB Typical Medium Output Power: +16.0 dBm Typical Low Voltage Operation: +5 Volts Environmental Screening Available
Available as:
TM9200, 4 Pin TO-8 (T4) TN9200, 4 Pin Surface Mount (SM3) FP9200, 4 Pin Flatpack (FP4) BX9200, Connectorized Housing (H1)
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point........+45 dBm (Typ.) Second Order Two Tone Intercept Point.........+41 dBm (Typ.) Third Order Two Tone Intercept Point.............+33 dBm (Typ.)
Specifications
CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) In Out Noise figure (dB) Power Vdc mA VSWR TYPICAL Ta= 25 C 100 - 4200 MHz 12.0 +16.0 -18 2.7:1 1.8:1 4.0 +5 75 MIN/MAX Ta = -55 C to +85 C 100 - 4200 MHz 11.0 Min. +15.0 Min. -17 Max. 2.7:1 Max. 1.8:1 Max. 5.5 Max. +5 80 Max.
Absolute Maximum Ratings
Ambient Operating Temperature ................ -40C to + 85 C Storage Temperature ............................... -65C to + 150 C Operating Case Temperature ................................ + 100 C DC Voltage ........................................................ + 5.5 Volts Continuous RF Input Power...................................+10 dBm Short Term RF input Power......20 Milliwatts (1 minute Max.) Maximum Peak power ............... 50 Milliwatts (3 secMax.)
Note: Care should always be taken to effectively ground the case of each unit.
Typical Performance Data
Gain (dB)
15 14 13 12 11
Start 100 MHz Stop 4200 MHz
Reverse Isolation (dB)
- 14 - 16 - 18 - 20 - 22
Start 100 MHz Stop 4200 MHz
Noise Figure (dB)
6 5 4 3 2
Start 100 MHz Stop 4200 MHz
1 dB Comp. (dBm)
+17.5 +17.0 +16.5 +16.0 +15.5
Start 100 MHz Stop 4200 MHz
Input VSWR
3.0 2.0 1.0
Start 100 MHz Stop 4200 MHz
Output VSWR
2.0 1.5 1.0
Start 100 MHz Stop 4200 MHz
Legend
+ 25 C
+ 85 C - - - - - - -55 C
Linear S-Parameters
FREQ. - - - - S11- - - - - - - - S21- - - - - - - - S12- - - - - - - - S22- - - - Mag Deg Mag Deg Mag Deg Mag Deg MHz ========================================================================================== .22 -104 100 156 22 .13 168 5.00 .45 .28 157 510 132 -42 .13 124 4.16 .16 .25 100 920 94 -83 .13 82 4.13 .11 .22 47 1330 56 -123 .13 38 4.11 .08 .19 -17 1740 17 -162 .13 -5 4.08 .05 .16 -106 2150 -23 159 .13 -49 4.05 .04 .14 -175 2560 -64 119 .13 -92 4.01 .06 .14 142 2970 -108 80 .13 -136 3.94 .08 .15 106 3380 -151 40 .13 -179 3.88 .10 .15 69 3790 168 1 .13 137 3.81 .12 .15 26 4200 128 -39 .13 94 3.78 .13
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532
11/16/06
www.spectrummicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of TM9200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X